PART |
Description |
Maker |
CS19-12HO1NBSP CS19-12HO1S CS19-08HO1 CS19-08HO1S |
Phase Control Thyristors 29 A, 800 V, SCR, TO-220AB Phase Control Thyristors 29 A, 800 V, SCR, TO-263AB Phase Control Thyristors 29 A, 1200 V, SCR, TO-220AB Phase Control Thyristors 29 A, 1200 V, SCR, TO-263AB Phase Control Thyristors: PowerThyristor for Line Frequency Rectification
|
IXYS, Corp. IXYS[IXYS Corporation]
|
C-CWP347-18 T-CWP347-12 T-CWP347-18 W-CWP347-18 C- |
392.5 A, 1800 V, SCR 392.5 A, 1200 V, SCR 47.1 A, 1200 V, SCR 37.68 A, 1200 V, SCR 81.64 A, 800 V, SCR 81.64 A, 1200 V, SCR
|
IXYS, Corp. IXYS CORP
|
CYNA16-400 CYNB16-400 |
SCR 16A 400V ISOLATED TO-220AB 16 A, 400 V, SCR, TO-220AB SCR 16A 400V NON-ISOLAT TO-220AB 16 A, 400 V, SCR, TO-220AB
|
Crydom, Inc.
|
CS3P-40B CS3P-40P CS3P-40PB CS3P-40N CS3P-40M CS3P |
ISOLATED 40 AMP SCR 200 THRU 1200 VOLTS 40 A, 1200 V, SCR ISOLATED 40 AMP SCR 200 THRU 1200 VOLTS 40 A, 1000 V, SCR ISOLATED 40 AMP SCR 200 THRU 1200 VOLTS 40 A, 400 V, SCR ISOLATED 40 AMP SCR 200 THRU 1200 VOLTS 40 A, 200 V, SCR ISOLATED 40 AMP SCR 200 THRU 1200 VOLTS 40 A, 600 V, SCR
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CS218I-30D CS218I-30M CS218I-30P CS218I-30N CS218I |
CAT5E PATCH CABLES SNAGLESS,YELLOW 10 FT 30 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 30 AMP 200 THRU 1200 VOLTS 30 A, 1200 V, SCR, TO-218 Connector assemblies, Network cables; 30 A, 400 V, SCR, TO-218 ISOLATED TAB SCR 30 AMP 200 THRU 1200 VOLTS 30 A, 1000 V, SCR, TO-218 LEVEL 7 PATCH CABLES SNAGLESS, CAT5E PATCH CABLES SNAGLESS,YELLOW 10 FT Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
TTB6C75N08KOF TDB6HK110N06KOF TDB6HK110N12KOF |
60 A, 800 V, SCR 90 A, 600 V, SCR 90 A, 1200 V, SCR
|
|
P425 P432 |
44 A, 1200 V, SCR Silicon Controlled Rectifier, 44 A, 600 V, SCR
|
VISHAY SEMICONDUCTORS
|
TN1215-X00B TN1215-X00B-TR TN1215-X00G-TR TN1215-X |
Sensitive and Standard 12 A SCRS 12 A, 600 V, SCR 12 A, 1000 V, SCR, TO-220AB
|
STMicroelectronics
|
SK012D S8025L SK055N |
12 A, 1000 V, SCR, TO-252 25 A, 800 V, SCR, TO-220AB 55 A, 1000 V, SCR, TO-263AB
|
|
MCR264-2-AF MCR264-2-UA MCR264-4-WC |
40 A, 50 V, SCR, TO-220AB 40 A, 200 V, SCR, TO-220AB
|
MOTOROLA INC
|
MCR265-2-BA MCR265-4-AD |
55 A, 50 V, SCR, TO-220AB 55 A, 200 V, SCR, TO-220AB
|
MOTOROLA INC
|
|